Part Number Hot Search : 
MP4012DS MANO825 ISL66 PM070WX9 AD799107 EZ1587 MX250 EZ1587
Product Description
Full Text Search
 

To Download MMUN2233RL34 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bias Resistor Transistor
PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single device and its external resistor bias network. The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor.The BRT eliminates these individual components by integrating them into a single device. The use of a BRT can reduce both system cost and board space. The device is housed in the SOT-23 package which is designed for low power surface mount applications. Simplifies Circuit Design Reduces Board Space Reduces Component Count The SOT-23 package can be soldered using wave or reflow. The modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die. Available in 8 mm embossed tape and reel. Use the Device Number to order the 7 inch/3000 unit reel. Replace "T1" with "T3" in the Device Number to order the 13 inch/10,000 unit reel.
PIN1 base (Input) R1 R2 PIN2 Emitter (Ground) PIN3 Collector (output)
MMUN2211RLT1 MMUN2212RLT1 MMUN2213RLT1 MMUN2214RLT1 MMUN2215RLT1 MMUN2230RLT1 MMUN2231RLT1 MMUN2232RLT1 MMUN2233RL34
NPN SILICON BIAS RESISTOR TRANSISTOR
3
1 2
CASE 318-08, STYLE 6 SOT- 23 (TO-236AB)
MAXIMUM RATINGS (T A = 25C unless otherwise noted)
Rating Collector-Base Voltage Collector-Emitter Voltage Collector Current Total Power Dissipation @ T A = 25C (1) Derate above 25C Symbol VCBO V CEO IC PD Value 50 50 100 200 1.6 Value 625 -65 to +150 260 10 Unit Vdc Vdc mAdc mW mW/C Unit C/W C C Sec R2 (K) 10 22 47 47
THERMAL CHARACTERISTICS
Rating Thermal Resistance -- Junction-to-Ambient (surface mounted) Operating and Storage Temperature Range Maximum Temperature for Soldering Purposes Time in Solder Bath Symbol R JA TJ , Tstg TL
DEVICE MARKING AND RESISTOR VALUES
Device MMUN2211RLT1 Marking A8A R1 (K) 10
MMUN2212RLT1 A8B 22 MMUN2213RLT1 A8C 47 MMUN2214RLT1 A8D 10 MMUN2215RLT1 (2) A8E 10 MMUN2216RLT1 (2) A8F 4.7 MMUN2230RLT1 (2) A8G 1 MMUN2231RLT1 (2) A8H 2.2 MMUN2232RLT1 (2) A8J 4.7 MMUN2233RLT1 (2) A8K 4.7 MMUN2234RLT1 (2) A8L 22 1. Device mounted on a FR-4 glass epoxy printed circuit board using the minimum recommended footprint. 2. New devices. Updated curves to follow in subsequent data sheets.
1 2.2 4.7 47 47
88
Q2-1/8
MMUN2211RLT1 SERIES
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol I CBO I CEO I EBO Min 50 50 35 60 80 80 160 160 3.0 8.0 15 80 80 Typ 60 100 140 140 350 350 5.0 15 30 200 150 Max 100 500 0.5 0.2 0.1 0.2 0.9 1.9 4.3 2.3 1.5 0.18 0.13 0.25 Unit nAdc nAdc mAdc
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB=50V, I E = 0) Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0) Emitter-Base Cutoff Current MMUN2211RLT1 (VEB = 6.0 V, IC = 0) MMUN2212RLT1 MMUN2213RLT1 MMUN2214RLT1 MMUN2215RLT1 MMUN2216RLT1 MMUN2230RLT1 MMUN2231RLT1 MMUN2232RLT1 MMUN2233RLT1 MMUN2234RLT1 Collector-Base Breakdown Voltage (IC=10mA, IE=0) Collector-Emitter Breakdown Voltage(3)(IC=2.0mA, IB=0)
V(BR)CBO V(BR)CEO hFE
Vdc Vdc
ON CHARACTERISTICS
DC Current Gain (VCE = 10 V, IC = 5.0 mA)
(3)
MMUN2211RLT1 MMUN2212RLT1 MMUN2213RLT1 MMUN2214RLT1 MMUN2215RLT1 MMUN2216RLT1 MMUN2230RLT1 MMUN2231RLT1 MMUN2232RLT1 MMUN2233RLT1 MMUN2234RLT1 Collector-Emitter Saturation Voltage (IC=10mA, IE=0.3mA) (IC = 10 mA, IB = 5 mA) MMUN2230RLT1 MMUN2231RLT1 (IC = 10 mA, IB = 1 mA) MMUN2215RLT1 MMUN2216RLT1 MMUN2232RLT1 MMUN2233RLT1 MMUN2234RLT1 Output Voltage (on) (VCC=5.0V,VB=2.5V, RL=1.0k) MMUN2211RLT1 MMUN2212RLT1 MMUN2214RLT1 MMUN2215RLT1 MMUN2216RLT1 MMUN2230RLT1 MMUN2231RLT1 MMUN2232RLT1 MMUN2233RLT1 MMUN2234RLT1 (VCC =5.0V,VB=3.5V, RL= 1.0k) MMUN2213RLT1 Output Voltage(off)(VCC=5.0V,VB=0.5V, RL=1.0k) (VCC=5.0V,VB=0.050V, RL=1.0k) MMUN2230RLT1 (VCC=5.0V,VB=0.25V, RL=1.0k) MMUN2215RLT1 MMUN2216RLT1 MMUN2233RLT1 3. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0%
VCE(sat)
Vdc
VOL VOH
Vdc 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 -
4.9
Vdc
Q2-2/8
MMUN2211RLT1 SERIES
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Continued)
Characteristic Symbol
(3)
Min 7.0 15.4 32.9 7.0 7.0 3.3 0.7 1.5 3.3 3.3 15.4 0.8 0.17 -- 0.8 0.055 0.38
Typ 10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 1.0 0.21 -- 1.0 0.1 0.47
Max 13 28.6 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 1.2 0.25 -- 1.2 0.185 0.56
Unit k
ON CHARACTERISTICS
Input Resistor
MMUN2211RLT1 R1 MMUN2212RLT1 MMUN2213RLT1 MMUN2214RLT1 MMUN2215RLT1 MMUN2216RLT1 MMUN2230RLT1 MMUN2231RLT1 MMUN2232RLT1 MMUN2233RLT1 MMUN2234RLT1 Resistor Ratio MMUN2211RLT1 MMUN2212RLT1 MMUN2213RLT1 R1/R2 MMUN2214RLT1 MMUN2215RLT1 MMUN2216RLT1 MMUN2230RLT1 MMUN2231RLT1 MMUN2232RLT1 MMUN2233RLT1 MMUN2234RLT1 3. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0%.
Q2-3/8
MMUN2211RLT1 SERIES
TYPICAL ELECTRICAL CHARACTERISTICS MMUN2211RLT1
P D , POWER DISSIPATION (MILLIWATTS)
250
V CE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS)
1
I C /I B =10 T A = -25C
0.1
200
150
25C 75C
100
0.01
50
R
JA
= 625C/W
0 -50 0 50 10 150
0.001 0 20 40 60 80
AMBIENT TEMPERATURE (C) Figure 1. Derating Curve
h FE , DC CURRENT GAIN (NORMALIZED)
I C , COLLECTOR CURRENT (mA) Figure 2. V CE(sat) versus I C
1000
4
V
CE
= 10 V
f = 1 MHz
T A =75C 25C -25C
100
C ob , CAPACITANCE (pF)
3
l E= 0 V T A = 25C
2
1
10 1 10 100
0 0 10 20 30 40 50
I C , COLLECTOR CURRENT (mA) Figure 3. DC Current Gain
V R , REVERSE BIAS VOLTAGE (VOLTS) Figure 4. Output Capacitance
100
25C
10
I C , COLLECTOR CURRENT (mA)
10
T A = -25C
V in , INPUT VOLTAGE (VOLTS)
75C
V O = 0.2 V
T A = -25C 25C 75C
1
1
0.1
0.01 0.001 0 1 2 3 4 5 6 7
V O= 5 V
8 9 10
0.1 0 10 20 30 40 50
V in , INPUT VOLTAGE (VOLTS) Figure 5. V CE(sat) versus I C
I C , COLLECTOR CURRENT (mA) Figure 6. V CE(sta) versus I C
Q2-4/8
MMUN2211RLT1 SERIES
TYPICAL ELECTRICAL CHARACTERISTICS MMUN2212RLT1
h FE , DC CURRENT GAIN (NORMALIZED)
V CE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS)
1
1000
I C /I B =10
V
CE
= 10 V T A =75C 25C -25C
T A = -25C 25C
0.1
75C
100
0.01
0.001 0 20 40 60 80
10 1 10 100
I C , COLLECTOR CURRENT (mA)
I C , COLLECTOR CURRENT (mA)
Figure 7. V CE(sat) versus I C
4 100
Figure 8. DC Current Gain
75C
25C T A = -25C
I C , COLLECTOR CURRENT (mA)
C ob , CAPACITANCE (pF)
f = 1 MHz l E= 0 V
3
10
T A = 25C
1
2
0.1
1
0.01 0.001 0 1 2 3 4 5 6 7 8
V O= 5 V
9 10
0 0 10 20 30 40 50
V R , REVERSE BIAS VOLTAGE (VOLTS)
V in , INPUT VOLTAGE (VOLTS)
Figure 9. Output Capacitance
Figure 10. Output Current versus Input Voltage
100
V in , INPUT VOLTAGE (VOLTS)
V O = 0.2 V T A = -25C
10
75C
25C
1
0.1 0 10 20 30 40 50
I C , COLLECTOR CURRENT (mA)
Figure 11. Input Voltage versus Output Current
Q2-5/8
MMUN2211RLT1 SERIES
TYPICAL ELECTRICAL CHARACTERISTICS MMUN2213RLT1
10
h FE , DC CURRENT GAIN (NORMALIZED)
V CE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS)
I C /I B =10
T A = -25C
1000
V
CE
= 10 V
25C
1
75C
T A =75C 25C -25C
100
0.1
0.01 0 20 40 60 80
10 1 10 100
I C , COLLECTOR CURRENT (mA)
I C , COLLECTOR CURRENT (mA)
Figure 12. V CE(sat) versus I C
1 100
Figure 13. DC Current Gain
C ob , CAPACITANCE (pF)
0.8
I C , COLLECTOR CURRENT (mA)
f = 1 MHz l E= 0 V T A = 25C
75C
10
25C T A = -25C
0.6
1
0.4
0.1
0.2
0.01 0.001
V O= 5 V
0 1 2 3 4 5 6 7 8 9 10
0 0 10 20 30 40 50
V R , REVERSE BIAS VOLTAGE (VOLTS)
V in , INPUT VOLTAGE (VOLTS)
Figure 14. Output Capacitance
Figure 15. Output Current versus Input Voltage
100
V in , INPUT VOLTAGE (VOLTS)
V O= 2 V T A=-25C 25C
10
75C
1
0.1 0 10 20 30 40 50
I C , COLLECTOR CURRENT (mA)
Figure 16. Input Voltage versus Output Current
Q2-6/8
MMUN2211RLT1 SERIES
TYPICAL ELECTRICAL CHARACTERISTICS MMUN2214RLT1
1
h FE , DC CURRENT GAIN (NORMALIZED)
V CE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS)
300
I C /I B =10
T A = -25C 25C
V
250
CE
= 10V
T A =75C 25C
0.1
200
-25C
150
75C
0.01
100
50
0.001 0 20 40 60 80
0 1 2 4 6 8 10 15 20 40 50 60 70 80 90 100
I C , COLLECTOR CURRENT (mA)
I C , COLLECTOR CURRENT (mA)
Figure 17. V CE(sat) versus I C
4 100
Figure 18. DC Current Gain
I C , COLLECTOR CURRENT (mA)
3.5
C ob , CAPACITANCE (pF)
f = 1 MHz l E= 0 V T A= 25C
75C
25C
3 2.5 2 1.5 1 0.5 0 0 2 4 6 8 10 15 20 25 30
T A = -25C
10
V O= 5 V
1 0 1 2 3 4 5 6 7 8 9 10
35
40
45
50
V R , REVERSE BIAS VOLTAGE (VOLTS)
V in , INPUT VOLTAGE (VOLTS)
Figure 19. Output Capacitance
Figure 20. Output Current versus Input Voltage
10
V in , INPUT VOLTAGE (VOLTS)
T A = -25C V O = 0.2 V 25C 75C
1
0.1 0 10 20 30 40 50
I C , COLLECTOR CURRENT (mA)
Figure 21. Input Voltage versus Output Current
Q2-7/8
MMUN2211RLT1 SERIES
TYPICAL APPLICATIONS FOR NPN BRTs
+12 V
ISOLATED LOAD FROM P OR OTHERLOGIC
Figure 22. Level Shifter: Connects 12 or 24 Volt Circuits to Logic
+12 V
V CC
OUT IN LOAD
Figure 23. Open Collector Inverter: Inverts the Input Signal
Figure 24. Inexpensive, Unregulated Current Source
Q2-8/8


▲Up To Search▲   

 
Price & Availability of MMUN2233RL34

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X